Part Number Hot Search : 
C2535A TLGC191P TC11CP 2E221 RF203 2E221 T2802B CRO2330A
Product Description
Full Text Search
 

To Download BUZ355 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUZ 355
SIPMOS (R) Power Transistor
* N channel * Enhancement mode * Avalanche-rated
Pin 1 G
Pin 2 D
Pin 3 S
Type BUZ 355
VDS
800 V
ID
6A
RDS(on)
1.5
Package TO-218 AA
Ordering Code C67078-S3107-A2
Maximum Ratings Parameter Continuous drain current Symbol Values 6 Unit A
ID IDpuls
24
TC = 29 C
Pulsed drain current
TC = 25 C
Avalanche current,limited by Tjmax Avalanche energy,periodic limited by Tjmax Avalanche energy, single pulse
IAR EAR EAS
5.1 15 mJ
ID = 6 A, VDD = 50 V, RGS = 25 L = 37.5 mH, Tj = 25 C
Gate source voltage Power dissipation 720
VGS Ptot
20 125
V W
TC = 25 C
Operating temperature Storage temperature Thermal resistance, chip case Thermal resistance, chip to ambient DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1
Semiconductor Group
Tj Tstg RthJC RthJA
-55 ... + 150 -55 ... + 150 1 75 E 55 / 150 / 56
C K/W
1
07/96
BUZ 355
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Static Characteristics Drain- source breakdown voltage Values typ. max. Unit
V(BR)DSS
800 3 10 10 0.9 4
V
VGS = 0 V, ID = 0.25 mA, Tj = 25 C
Gate threshold voltage
VGS(th)
2.1
VGS=VDS, ID = 1 mA
Zero gate voltage drain current
IDSS
1 100
A
VDS = 800 V, VGS = 0 V, Tj = 25 C VDS = 800 V, VGS = 0 V, Tj = 125 C
Gate-source leakage current
IGSS
100
nA 1.5
VGS = 20 V, VDS = 0 V
Drain-Source on-resistance
RDS(on)
VGS = 10 V, ID = 3.9 A
Semiconductor Group
2
07/96
BUZ 355
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Dynamic Characteristics Transconductance Values typ. max. Unit
gfs
2.5 6.8 1750 190 100 -
S pF 2350 290 150 ns 25 40
VDS 2 * ID * RDS(on)max, ID = 3.9 A
Input capacitance
Ciss Coss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VGS = 0 V, VDS = 25 V, f = 1 MHz
Turn-on delay time
td(on)
VDD = 30 V, VGS = 10 V, ID = 2.1 A RGS = 50
Rise time
tr
130 200
VDD = 30 V, VGS = 10 V, ID = 2.1 A RGS = 50
Turn-off delay time
td(off)
400 530
VDD = 30 V, VGS = 10 V, ID = 2.1 A RGS = 50
Fall time
tf
130 175
VDD = 30 V, VGS = 10 V, ID = 2.1 A RGS = 50
Semiconductor Group
3
07/96
BUZ 355
Electrical Characteristics, at Tj = 25C, unless otherwise specified Parameter Symbol min. Reverse Diode Inverse diode continuous forward current IS TC = 25 C Inverse diode direct current,pulsed A 0.95 0.3 2.5 4 16 V 1.4 s C Values typ. max. Unit
ISM VSD trr Qrr
TC = 25 C
Inverse diode forward voltage
VGS = 0 V, IF = 12 A
Reverse recovery time
VR = 100 V, IF=lS, diF/dt = 100 A/s
Reverse recovery charge
VR = 100 V, IF=lS, diF/dt = 100 A/s
Semiconductor Group
4
07/96
BUZ 355
Power dissipation Ptot = (TC)
Drain current ID = (TC) parameter: VGS 10 V
6.5 A 5.5
130 W 110
Ptot
100 90 80 70 60 50 40 30 20 10 0 0 20 40 60 80 100 120 C 160
ID
5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0 20 40 60 80 100 120 C 160
TC
TC
Safe operating area ID = (VDS) parameter: D = 0.01, TC = 25C
10 2
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1
K/W A
t = 23.0s p
ID
10 1
D
ZthJC
100 s
10 0
/I
=V
DS
10 -1
1 ms
D = 0.50 0.20 0.10
10
0
R
DS (on )
10 ms
10 -2
0.05 0.02 0.01
DC 10
-1
single pulse
3
10
0
10
1
10
2
10
-3
V 10
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
s 10
0
VDS
tp
Semiconductor Group
5
07/96
BUZ 355
Typ. output characteristics ID = (VDS) parameter: tp = 80 s
14 A 12
Typ. drain-source on-resistance RDS (on) = (ID) parameter: VGS
5.0
Ptot = 125W
l k i j hg f e
VGS [V] a 4.0
b 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 9.0 10.0 20.0
RDS (on) 4.0
3.5 3.0 2.5 2.0
a
b
c
ID
11 10 9 8 7 6 5 4 3
c
c
dd
e f g h i j k l
d
1.5
f
e h j k g i
b
1.0 0.5
VGS [V] =
a 4.5 4.0 b 5.0 c 5.5 d 6.0 e f 6.5 7.0 g 7.5
2 1 0 0
a
h i j k 8.0 9.0 10.0 20.0
0.0 4 8 12 16 20 24 28 32 V 38 0 1 2 3 4 5 6 7 8 A 10
VDS
ID
Typ. transfer characteristics ID = f (VGS)
Typ. forward transconductance gfs = f (ID)
parameter: tp = 80 s VDS2 x ID x RDS(on)max
16
parameter: tp = 80 s, VDS2 x ID x RDS(on)max
10 S
A
ID
12
gfs
8 7
10
6 5 4 3
8
6
4 2 2 0 0 1 0 1 2 3 4 5 6 7 8 V 10 0 2 4 6 8
VGS
A ID
12
Semiconductor Group
6
07/96
BUZ 355
Drain-source on-resistance RDS (on) = (Tj ) parameter: ID = 3.9 A, VGS = 10 V
6.0
Gate threshold voltage VGS (th) = (Tj) parameter: VGS = VDS, ID = 1 mA
4.6 V 4.0
5.0
98%
RDS (on)
VGS(th)
3.6 3.2
4.5
typ
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 -60 -20 20 60 100 C 160 2.8 2.4 2.0
2%
98%
1.6 1.2 0.8 0.4 0.0 -60 -20 20 60 100 C 160
typ
Tj
Tj
Typ. capacitances
C = f (VDS) parameter:VGS = 0V, f = 1MHz
10 4
Forward characteristics of reverse diode IF = (VSD) parameter: Tj , tp = 80 s
10 2
pF C
A
Ciss
10 3
IF
10 1
Coss
10
2
10 0
Crss
Tj = 25 C typ Tj = 150 C typ Tj = 25 C (98%) Tj = 150 C (98%)
10 1 0
5
10
15
20
25
30
V VDS
40
10 -1 0.0
0.4
0.8
1.2
1.6
2.0
2.4
V
3.0
VSD
Semiconductor Group
7
07/96
BUZ 355
Avalanche energy EAS = (Tj ) parameter: ID = 6 A, VDD = 50 V RGS = 25 , L = 37.5 mH
750 mJ 650
Typ. gate charge VGS = (QGate) parameter: ID puls = 9 A
16
V
EAS
600 550 500 450 400 350 300 250 200 150 100 50 0 20
VGS
12
10 0,2 VDS max 8 0,8 VDS max
6
4
2 0 40 60 80 100 120 C 160 0 20 40 60 80 100 120 140 160 nC 190
Tj
Q Gate
Drain-source breakdown voltage V(BR)DSS = (Tj )
960 V 920 V(BR)DSS 900 880 860 840 820 800 780 760 740 720 -60 -20 20 60 100 C 160
Tj
Semiconductor Group
8
07/96
BUZ 355
Package Outlines TO-218 AA Dimension in mm
Semiconductor Group
9
07/96


▲Up To Search▲   

 
Price & Availability of BUZ355

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X